Part Number Hot Search : 
74AUP2G 218015P 164H10 9L28025 WP7113 MSC23 16C55 GT20J101
Product Description
Full Text Search
 

To Download WCF8C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . w w w w cf8c60 cf8c60 cf8c60 cf8c60 rev.a oct .2010 silicon silicon silicon silicon controlled controlled controlled controlled rectifiers rectifiers rectifiers rectifiers features ? repetitive peak off-state voltage:600v ? r.m.s on-state current (it (rms) =8a) ? low on-state voltage(1.4(typ.)@itm) ? isolation voltage(v iso =1500v ac) general description standard gate triggering scr is fully isolated package suitable for the application where requiring high bidirectional blocking voltage capability and also suitable for over voltage protection ,motor control circuit in power tool, inrush current limit circuit and heating control system . by using an internal ceramic pad, the to220f series provides voltage insulated tab (rated at 2500v rms) complying with ul standards (file ref.:e347423) absolute maximum ratings ( t j = 25 c unless otherwise specified ) symbol parameter value units v drm /v rrm repetitive peak off-state voltage (note(1) 600 v i t(av) average on-state current ( 180 conduction angle ) t i = 85 c 5 a i t(rms) r.m.s on-state current ( 180 conduction angle ) t i = 85 c 8 a i tsm non repetitive surge peak on-state current tp=8.3ms 73 a tp=10ms 70 i 2 t i 2 t value for fusing t p = 8.3 ms 24.5 a 2 s di/dt critical rate of rise of on-state current i tm =2a;ig=10ma; di g /dt=100a/ s t j =125 c 50 a/ ? p g(av) average gate power dissipation t j =125 c 1 w i fgm peak gate current t j =125 c 4 a v rgm reverse peak gate voltage t j =125 c 5 v v iso isolation breakdown voltage(r.m..s) a,c.1minute 1500 v t j junction temperature -40~125 c t stg storage temperature -40~150 c note1: note1: note1: note1: although not recommended,off-state voltages up to 800v may be applied without damage,but the thyristor may switch to the on-stage.the rate of rise of current should not exceed15a/ s. thermal characteristics symbol parameter value units min typ max r j c thermal resistance junction to case - - 20 /w r j a thermal resistance junction to ambient - - 70 /w
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf8c60 cf8c60 cf8c60 cf8c60 2 / 5 electrical characteristics (t j =25 ,r gk =1k ? unless otherwise specified ) symbol characteristics value units min typ max i drm /i rrm off-state leakage current (v ak =v drm /v rrm ) t c =25 - - 5 a t c =125 2 m a v tm forward "on"voltage (i tm =16a tp=380 s) (note2.1) - 1.4 1. 6 v i gt gate trigger current (continuous dc) (v ak =12vdc,r l =140 ? ) (note2.2) - 15 m a v gt gate trigger voltage (continuous dc) (v ak =12vdc,r l =140 ? ) (note2.2) - - 1.5 v v gd gate threshold voltage (v d =12v drm rl=3.3k ? r gk =220 ? ) (note2.1) 0. 1 - - v dv/dt critical rate of rise off-state voltage (v d =0.67v drm ; r gk =220 ? ) t j =125 5 - - v/ ? i h holding current (v d =12v;i gt =0.5ma) - 2 5 ma i l latching current (v d =12v;i gt =0.5ma) - 2 6 ma rd dynamic resistance t j =125 - - 46 m ? *notes: *notes: *notes: *notes: 2.1 pulse width 1.0ms,duty cycle 1% 2.2 r gk current is not included in measurement.
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf8c60 cf8c60 cf8c60 cf8c60 3 / 5 0 0 0 0 fig. fig. fig. fig. 3 3 3 3 surge peak on-state current versus number of cycles. fig. fig. fig. fig. 4 4 4 4 on-state characteristics (maximum values) fig.5 fig.5 fig.5 fig.5 non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10ms and corresponding value of l 2 t fig.6 fig.6 fig.6 fig.6 relative variation of gate trigger current and holding versus junction temperature fig.1 fig.1 fig.1 fig.1 maximum average power dissipation versus average on-state current fig fig fig fig .2 .2 .2 .2 average and d.c.on-state current versus ambient temperature (device mounted on fr4 with recommended pad layont
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf8c60 cf8c60 cf8c60 cf8c60 4 / 5 fig.8 fig.8 fig.8 fig.8 relative variation of dv/dt immunity versus gate-cathode capacitance (typical values) fig. fig. fig. fig. 7 7 7 7 relative variation of dv/dt immunity versus gate-cathode resistance (typical values) fig.8 fig.8 fig.8 fig.8 thermal resistance junction to ambient versus copper surface under tab (epoxy printedcircuit board fr4,copper thickness:35 m)
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf8c60 cf8c60 cf8c60 cf8c60 5 / 5 to to to to - - - - 2 2 2 2 20f 20f 20f 20f package package package package dimension dimension dimension dimension unit: mm


▲Up To Search▲   

 
Price & Availability of WCF8C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X